Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download LB1740 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN3173B
Monolithic Digital IC
LB1740
8-Channel, Current-Source Output, Darlington Transistor Array
Overview
The LB1740 is an 8-channel current source output Darlington transistor array made up of PNP transistors and NPN transisitors.High output drive capability for very low input current is achieved.
Package Dimensions
unit:mm 3007A-DIP18
[LB1740]
Features
* Eight independent Darlington driver circuits. * High breakdown voltage (50V), high current source output (500mA). * With output clamp diodes.
SANYO:DIP18
Specifications
Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Output supply voltage Input supply voltage Muximum output current Clamp diode forward current Clamp diode reverse voltage Allowable power dissipation Operating temperature Storage temperatrure Symbol VCCmax VOUT VIN IOUT IF VR Pd max Topr Tstg Per channel Conditions Ratings -0.3 to +50 -0.3 to VCC -0.3 to +30 -500 -500 -0.3 to +50 1.13 -20 to +75 -40 to +150 Unit V V V mA mA V W
C C
Allowable Operating Conditions at Ta = 25C
Parameter Supply voltage Inout ON-level voltage Inout OFF-level voltage Symbol V CC VION VIOFF IOUT =-350mA IOUT -50A Conditions Ratings 4 to 50 1.8 to 30 -0.3 to +0.3 Unit V V V
Electrical Characteristics at Ta = 25C, VCC =50V
Parameter Supply current Output voltage Input current Clamp diode forward voltage Clamp diode reverse voltage Reted propagation delay time Symbol ICCH ICCL VOH1 VOH2 VIN1 VIN2 VF VR tph1 Conditions All inputs:VIN=5V All inputs:Open VIN=1.8V, IOUT=-100mA VIN=1.8V, IOUT=-350mA VIN=5V VIN=25V IF=-350mA IR=100A -2.4 50 20 VCC-2.0 VCC-2.4 Ratings min typ 5.6 VCC-1.45 VCC-1.6 0.4 2.6 -1.2 0.75 4.7 max 10 100 Unit mA A V V mA mA V V ns
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
43098HA (KT)/N2195YK/N149TA, TS No.3173-1/2
LB1740
Ta=25C, VCC=12V
Parameter Switching delay time Symbol td Conditions Reference circuit, See Figure1 Ratings min typ 7.3 max Unit A
Figure 1
Pin Assignment
Equivalent Circuit (1 channel)
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of April, 1998. Specifications and information herein are subject to change without notice.
PS No.3173-2/2


▲Up To Search▲   

 
Price & Availability of LB1740

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X